PART |
Description |
Maker |
AAT3220IGY-18-T1 AAT3220IGY-23-T1 AAT3220IGY-20-T1 |
150mA NanoPower LDO Linear Regulator 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPowerLDO Linear Regulator CAP 8.0PF 50V .25 PF NP0(C0G) SMD-1206 TR-7 PLATED-NI/SN 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器
|
http:// Advanced Analogic Technologies, Inc.
|
MAX1806EUA MAX1806 MAX1806EUA15 MAX1806EUA18 MAX18 |
500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in µMAX 500mA, Low-Voltage Linear Regulator in UMAX 500mA Low-Voltage Linear Regulator in UMAX From old datasheet system 3A Fixed Low Dropout Linear Regulator (LDO)
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
IRU1010CY IRU1010CP IRU1010CD IRU1010CS IRU1010CDT |
1A Adj LDO Linear Regulator in a SOT-223 3-Leads package 1A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR 1A低压差型正,可调式稳压器
|
IRF[International Rectifier] International Rectifier, Corp.
|
CS9202 CS9202YDF8 CS9202YDFR8 |
Micropower 3.3V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 3.3 V / 100 mA Linear Regulator with NOCAP Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
|
ONSEMI[ON Semiconductor]
|
OM7580SM OM7580SMX |
Hi-Rel Adjustable 1.5V-5.5V 7.0A Linear Regulator in a SMD-6 Package Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
|
International Rectifier
|
SP1084V1-L-5-0T/R SP1084V2-L-8/TR SP1084V2-L-/TR S |
5A Low Dropout Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 ROHS COMPLIANT, TO-220, 3 PIN 5A Low Dropout Linear Regulator
|
Sipex Corporation Exar, Corp.
|
IRU1015-33CD IRU1015-33CDTR IRU1015-33CP IRU1015-3 |
1.5A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1.5A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1.5A Fixed LDO Linear Regulator in a TO-263 3-Leads package 1.5A Fixed LDO Linear Regulator in a TO-220 3-Leads package
|
International Rectifier
|
IRU1030-33CP IRU1030-33CD IRU1030-33CDTR IRU1030-3 |
3A Fixed LDO Linear Regulator in a TO-220 3-Leads package 3A Fixed LDO Linear Regulator in a TO-263 3-Leads package 3A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 3A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package
|
International Rectifier
|
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|